Part Number Hot Search : 
KBJ1501 S78L08F TC5514 2832603 BYQ28E GSIB1520 GPAF801 5KPA45CA
Product Description
Full Text Search
 

To Download 70545-0054 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0705450054 Active
cgrid__sl_products 2.54mm (.100") Pitch SLTM Header, Single Row .120" Pocket Vertical, Shrouded, with Press-fir Plastic Peg, 20 Circuits, 0.38m (15") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
Documents: 3D Model Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-70400 (PDF) Product Specification PS-70541 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Application Overview Product Name PCB Headers 70545 Wire-to-Board cgrid__sl_products SLTM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating No 20 20 Black 50 94V-0 No Yes Brass, Phosphor Bronze Gold Tin High Temperature Thermoplastic 1 Vertical 0.130 In 3.30 mm Yes Yes 0.062 In 1.60 mm Tube 0.100 In 2.54 mm 15 0.375 75 1.875 Yes Fully No Yes -40C to +105C
Search Parts in this Series 70545Series Mates With 70066n , 70066g , 70430g , 70400g Housing
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Old Part Number A-70545-0054
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-70873-0014 PS-70400, PS-70541 SDA-70545-****
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 70545-0054

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X